PART |
Description |
Maker |
C0402CH0G105B020A C0402CH0G105E020A C0402CH0G105W0 |
Part Number Change Notification TDK introduces a new global catalog part number for its Multilayer Ceramic Capacitor products Part Number Change Notification
|
TDK Electronics
|
MPC7450RXQXPND MPC7450RXQXPNS |
MPC7450 Part Number Specification for the XPC7450RXnnnQx Series part number specification Part Number Specification for the XPC7450RXnnnQx Series
|
Motorola
|
XPC745BPX350LD XPC745BPX300LD MPC755BLDPND MPC755B |
MPC755 Part Number Specification for the XPC755BxxnnnLD and XPC745BxxnnnLD Series Part Number Specification for the XPC755BxxnnnLD andXPC745BxxnnnLD Series
|
Motorola
|
09-50-1041 |
Multipole Connector; Gender:Female; Number of Contacts:4; Series:SPOX; Body Material:Nylon 6/6; Number of Rows:1 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
22-05-7188 22-05-7028 |
22057188 18 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header, Right-Angle Friction Lock; Number of Contacts:2; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Header; Series:7395; Body Material:PA Polyamide (Nylon); Contact Plating:Tin 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
MPC7451RXSXPND MPC7451RXSXPNS |
MPC7451 Part Number Specification for the XPC7451RXnnnSx Series Part Number Specification for the XPC7451RXnnnSx Series
|
Motorola
|
51021-0300 51021-1400 51021-0600 |
Crimp Housing, 1.25 mm Pitch Wire-To-Board System, 3 Circuits 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Crimp Pin Contact; Number of Contacts:14; Pitch Spacing:0.049"; Number of Rows:1; Mounting Type:Header; Body Material:PBT Polyester; Color:Natural; Gender:Female 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE RECEPTACLE HOUSING, 6WAY 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
MPC603RRX200TC MPC603RRX200LC MPE603RRX200LC MPC60 |
PowerPC PID7t-603e Microprocessor(PowerPC PID7t-603e微处理器) PowerPC的PID7t - 603e微处理器(PowerPC的PID7t - 603e微处理器 PowerPC 603ea RISC Microprocessor Family:MPC603r (Goldeneye) Part Number SpeciTcation MPC603r (GoldenEye) Part Number Specifications - MPC603R****C
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
53048-0210 53048-0410 |
1.25mm PITCH WIRE-TO-BOARD SYSTEM THRU-HOLE RIGHT-ANGLE HEADERS - FIG. 3 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:4; Pitch Spacing:1.25mm; Number of Rows:1; Series:53048; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|